Part Number Hot Search : 
BU407 03515 60QC03L SC9153A 000WD MMSZ5242 HBO2510W SUR544J
Product Description
Full Text Search
 

To Download IXFV12N80P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 ixys all rights reserved g = gate d = drain s = source tab = drain ds99476e(07/06) polarhv tm hiperfet power mosfet ixfh12n80p ixfq12n80p IXFV12N80P IXFV12N80Ps n-channel enhancement mode features z international standard packages z unclamped inductive switching (uis) rated z low package inductance - easy to drive and to protect advantages z easy to mount z space savings z high power density symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0 v, i d = 250 a 800 v v gs(th) v ds = v gs , i d = 2.5 ma 3.0 5.5 v i gss v gs = 30 v, v ds = 0 v 100 na i dss v ds = v dss 25 a v gs = 0 v t j = 125 c 250 a r ds(on) v gs = 10 v, i d = 0.5 i d25 , note 1 0.85 symbol test conditions maximum ratings v dss t j = 25 c to 150 c 800 v v dgr t j = 25 c to 150 c; r gs = 1 m 800 v v gs continuous 30 v v gsm tranisent 40 v i d25 t c = 25 c12a i dm t c = 25 c, pulse width limited by t jm 36 a i ar t c = 25 c6a e ar t c = 25 c30mj e as t c = 25 c 0.8 j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss , 10 v/ns t j 150 c, r g = 5 p d t c = 25 c 360 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c t sold plastic body for 10 s 260 c m d mounting torque (to-247, to-3p) 1.13/10 nm/lb.in. f c mounting force (plus220,plus220smd) 11..65/2.5..15 n/lb. weight plus220 & plus220smd 4.0 g t0-3p 5.5 g to-247 6.0 g to-247 (ixfh) d (tab) v dss = 800 v i d25 = 12 a r ds(on) 0.85 t rr 250 ns g s d plus220 (ixfv) d (tab) plus220 smd (ixfv...s) g s d (tab) to-3p (ixfq) g d s d (tab)
ixys reserves the right to change limits, test conditions, and dimensions. ixfh12n80p ixfq12n80p IXFV12N80P IXFV12N80Ps symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 20 v; i d = 0.5 i d25 , note 1 8 14 s c iss 2800 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 210 pf c rss 19 pf t d(on) 23 ns t r v gs = 10 v, v ds = 0.5 v dss , i d = i d25 26 ns t d(off) r g = 5 (external) 70 ns t f 25 ns q g(on) 51 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 0.5 i d25 13 nc q gd 19 nc r thjc 0.35 c/w r thcs (to-247 & to-3p) 0.21 c/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 12 a i sm repetitive 36 a v sd i f = i s , v gs = 0 v, note 1 1.5 v t rr i s = 12 a, v gs = 0 v 200 250 ns q rm -di/dt = 100 a/ s, v r = 100 v 0.8 c i rm 4 note 1: pulse test, t 300 s, duty cycle d 2 % ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc e ? p to-247 (ixfh) outline 1 2 3 terminals: 1 - gate 2 - drain 3 - source tab - drain to-3p (ixfq) outline
? 2006 ixys all rights reserved fig. 2. extended output characteristics @ 25 o c 0 4 8 12 16 20 24 0 3 6 9 12 15 18 21 24 27 30 v d s - volts i d - amperes v gs = 10v 7v 5v 6v fig. 3. output characteristics @ 125 o c 0 2 4 6 8 10 12 0 4 8 12162024 v d s - volts i d - amperes v gs = 10v 7v 6v 5v fig. 1. output characteristics @ 25 o c 0 2 4 6 8 10 12 024681012 v d s - volts i d - amperes v gs = 10v 7v 5v 6v fig. 4. r ds(on ) norm alized to 0.5 i d 25 value vs. junction tem perature 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r d s ( o n ) - normalized i d = 12a i d = 6a v gs = 10v fig. 6. drain curre nt vs . cas e tem perature 0 2 4 6 8 10 12 14 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes fig. 5. r ds(on) no r m aliz e d to 0.5 i d25 value vs . i d 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5 024681012141618202224 i d - amperes r d s ( o n ) - normalized t j = 125 o c t j = 25 o c v gs = 10v ixfh12n80p ixfq12n80p IXFV12N80P IXFV12N80Ps
ixys reserves the right to change limits, test conditions, and dimensions. ixfh12n80p ixfq12n80p IXFV12N80P IXFV12N80Ps fig. 11. capacitance 10 100 1000 10000 0 5 10 15 20 25 30 35 40 v d s - volts capacitance - picofarads c iss c oss c rss f = 1mhz fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 5 10 15 20 25 30 35 40 45 50 55 q g - nanocoulombs v g s - volts v ds = 400v i d = 6a i g = 10ma fig. 7. input adm ittance 0 2 4 6 8 10 12 14 16 4 4.5 5 5.5 6 6.5 v g s - volts i d - amperes t j = 125 o c 25 o c -40 o c fig. 8. transconductance 0 3 6 9 12 15 18 21 24 0 2 4 6 8 1012141618 i d - amperes g f s - siemens t j = -40 o c 25 o c 125 o c fig. 9. source current vs. source-to-drain voltage 0 5 10 15 20 25 30 35 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 v s d - volts i s - amperes t j = 125 o c t j = 25 o c
? 2006 ixys all rights reserved fig. 12. maximum transient thermal resistance 0.001 0.010 0.100 1.000 0.00001 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds r ( t h ) j c - o c / w ixfh12n80p ixfq12n80p IXFV12N80P IXFV12N80Ps plus220smd (ixfv_s) outline plus220 (ixfv) outline


▲Up To Search▲   

 
Price & Availability of IXFV12N80P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X